Part Number Hot Search : 
4T33T TGA45 OM9375 5101A MISTRAL 2N6232 TW1128 220KR
Product Description
Full Text Search
 

To Download 2SC4793 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SC4793
NPN SILICON TRANSISTOR
FEATURES
*High transition frequency *Power amplifier applications *Driver stage amplifier applications
1
NPN SILICON TRANSISTOR
TO-220F
*Pb-free plating product number:2SC4793L
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SC4793-TF3-T 2SC4793L-TF3-T Package TO-220F Pin Assignment 1 2 3 B C E Packing Tube
2C4793L-TF3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) TF3: TO-220F (3) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R219-009,A
2SC4793
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current SYMBOL VCBO VCEO VEBO IC IB
NPN SILICON TRANSISTOR
RATINGS UNIT 230 V 230 V 5 V 1 A 0.1 A Ta=25 2.0 W Collector Power Dissipation PC TC=25 20 W Junction Temperature TJ +150 Storage Temperature Range TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless others specified)
PARAMETER Collector-Emitter Breakdown Voltage Base -Emitter Voltage Collector-Emitter Saturation Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Transition Frequency Collector Output Capacitance SYMBOL BVCEO VBE VCE(SAT) ICBO IEBO hFE fT Cob TEST CONDITIONS IC=10mA, IB=0 VCE=5V, IC=500mA IC=500mA, IB=50mA VCB =230V, IE=0 VEB=5V, IC=0 VCE=5V, IC=100mA VCE=10V, IC=100mA VCB=10V, IE=0, f=1MHz MIN 230 TYP MAX 1.0 1.5 1.0 1.0 320 100 20 UNIT V V V A A MHz pF
100
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R219-009,A
2SC4793
TYPICAL CHARACTERISTICS
NPN SILICON TRANSISTOR
Transition Frequency vs. Collector Current
1000 300
Collector Current vs. Base-Emitter Voltage
1.0
Transition Frequency, fT (MHz)
Common Emitter VCE=10V TC=25
0.8
Collector Current, IC (A)
100
0.6
TC=100
25
-25
50 30
0.4
0.2
Common Emitter VCE=5V
10 5 10 30 100 300 1000 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Collector Current, IC (mA)
Base-Emitter Voltage, VBE (V)
DC Current Gain vs. Collector Current
Collector-Emitter Saturation Voltage, VCE (SAT) (V)
1000
Collector-Emitter Saturation Voltage vs. Collector Current
1
Common Emitter VCE=5V
Common Emitter IC/IB=10 TC=100 25 -25
500 300
0.5 0.3
DO Current Gain, hFE
TC=100C
100
0.1
50 30
25 -25
0.05 0.03
10 0.003 0.01 0.03 0.1 0.3 1 3
0.01 0.003 0.01 0.03 0.1 0.3 1 3
Collector Current, IC (A)
Collector Current, IC (A)
Collector Current vs. Collector-Emitter Voltage 1.0 20 10
3 5
Safe Operating Area
8 0.8
Collector Current, IC (A)
IC MAX. (Pulsed) IC MAX. (Continuous)
6
1
1ms 10ms 100ms
Collector Current, IC (A)
0.5 0.3
0.6
4
DC Operation TC=25
0.4 IB=2mA
0.1 0.05
0.2 Common Emitter TC=25 2 4 6 8 10 Collector-Emitter Voltage, VCE (V)
Single Nonrepetitive
0.03 Pulse TC=25C Curves Must
be Derated Linearly With Increase in Temperature.
0.01 1 3 10 30
VCEO MAX .
100 300
0 0
Collector-Emitter Voltage, VCE (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R219-009,A
2SC4793
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R219-009,A


▲Up To Search▲   

 
Price & Availability of 2SC4793

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X